| データシートサーチシステム |
|
AT43USB325 データシート(PDF) 65 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT43USB325 データシート(HTML) 65 Page - ATMEL Corporation |
|
65 / 109 page ![]() 65 3355C–USB–4/05 AT43USB325 The following information describes how the AT43USB325’s USB hardware and firmware oper- ates during a control transfer between the host and the hub’s or function’s control end-point. 8.1.2 Idle State This is the default state from power-up. Legend: DATA1/DATA0 = Data packet with DATA1 or DATA2 PID DATA1(0) = Zero length DATA1 packet Idle Setup Response No-data Status Response Control Read Status Response Control Write Status Response RX_SETUP_INT RX_OUT_INT TX_COMPLETE_INT TX_COMPLETE_INT TX_COMPLETE_INT RX_OUT_INT Control Read Data Response TX_COMPLETE_INT Control Write Data Response RX_OUT_INT (ANY STABLE STATE) |