| データシートサーチシステム |
|
AT43USB325 データシート(PDF) 70 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT43USB325 データシート(HTML) 70 Page - ATMEL Corporation |
|
70 / 109 page ![]() 70 3355C–USB–4/05 AT43USB325 8.1.10 Interrupt/Bulk OUT Transfers at Function End-point EP1, 2 and 3 The firmware must first condition the end-point through the End-point Control Register, FEND- P1/2/3_CNTR: Set end-point direction: clear EPDIR Set interrupt or bulk: EPTYPE = 11 or 10 Enable end-point: set EPEN The Function Interface Unit receives an OUT token from the Host with a DATA packet. The FIU places the incoming data into the FIFO, issues an ACK to the host, and asserts an RX_OUT interrupt. 1. Read UISR 2. Read FCSR1/2/3 3. Read FIFO 4. Clear RX_OUT If more data: Wait for RX_OUT interrupt If no more data: set DATA END Set UIAR[FEP1/2/3 INTACK] to clear the interrupt source |