データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AP3003S-3.3E1 データシート(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

部品番号 AP3003S-3.3E1
部品情報  150kHz 3A BUCK DC-DC CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BCDSEMI [BCD Semiconductor Manufacturing Limited]
ホームページ  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3003S-3.3E1 データシート(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP3003S-3.3E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3003S-3.3E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3003S-3.3E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3003S-3.3E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3003S-3.3E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3003S-3.3E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3003S-3.3E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3003S-3.3E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3003S-3.3E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
150kHz 3A BUCK DC-DC CONVERTER
AP3003
Data Sheet
5
Feb. 2007 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Value
Unit
Input Voltage
VIN
40
V
ON/OFF Pin Voltage
VON/OFF
40
V
Feedback Pin Voltage
VFB
40
V
Operating Junction Temperature
TJ
150
oC
Thermal Resistance
(Junction to Ambient, No Heatsink)
TO-220-5
RθJA
60
oC/W
TO-263-5
Lead Temperature (Soldering, 10sec)
TLEAD
260
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Max-
imum Ratings" for extended periods may affect device reliability.
Parameter
Symbol
Value
Unit
Maximum Input Voltage (Note 2)
3.3V
VIN
32
V
5.0V
32
12V
32
ADJ (VOUT=3.2V)
32
ADJ (VOUT=2.5V)
25
Operating Junction Temperature
TJ
-40 to 125
oC
Recommended Operating Conditions
Absolute Maximum Ratings (Note 1)
Note 2: For ADJ version, the recommended supply voltage depends on the needed output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com