データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AP3003S-3.3E1 データシート(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

部品番号 AP3003S-3.3E1
部品情報  150kHz 3A BUCK DC-DC CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BCDSEMI [BCD Semiconductor Manufacturing Limited]
ホームページ  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3003S-3.3E1 データシート(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3003S-3.3E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3003S-3.3E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3003S-3.3E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3003S-3.3E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3003S-3.3E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3003S-3.3E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3003S-3.3E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3003S-3.3E1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP3003S-3.3E1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
150kHz 3A BUCK DC-DC CONVERTER
AP3003
Data Sheet
10
Feb. 2007 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
Figure 14. Quiescent Current vs. Junction Temperature
Figure 12. Switch Current Limit vs. Junction Temperature
Figure 13. Quiescent Current vs. Supply Voltage
Figure 15. Shutdown Quiescent Current vs. Input Voltage
-40
-20
0
2040
6080
100
120
3.50
3.75
4.00
4.25
4.50
4.75
5.00
5.25
5.50
Junction Temperature (
OC)
V
IN
=12V
0
5
10
15
20
25
30
35
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Supply Voltage (V)
T
J
=25
OC
V
ON/OFF
=0, Switch Off
-40
-20
0
2040
6080
100
120
2.50
2.75
3.00
3.25
3.50
3.75
4.00
4.25
4.50
4.75
5.00
5.25
5.50
Junction Temperature (
oC)
V
IN
=12V
V
ON/OFF
=0V, Switch OFF
0
4
8
12
16
20
24
28
32
36
0
20
40
60
80
100
120
140
160
180
Supply Voltage (V)
T
J
=25
OC
V
ON/OFF
=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com