| データシートサーチシステム |
|
CC1010-RTR1 データシート(PDF) 48 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC1010-RTR1 データシート(HTML) 48 Page - Texas Instruments |
|
48 / 152 page ![]() CC1010 SWRS047 Page 48 of 152 Alternate Function Port Available pins Normal operation Flash Programming P0.0 SCK, SPI Serial Clock output SCK, SPI Serial Clock Input P0.1 MO, SPI Master Output SI, SPI Slave Input P0.2 MI, SPI Master Input SO, SPI Slave Output P0 P0.3 - - P1.0 - - P1.1 - - P1.2 - - P1.3 - - P1.4 - - P1.5 - - P1.6 - - P1 P1.7 - - P2.0 RXD1, Serial port 1 input - P2.1 TXD1, Serial port 1 output - P2.2 - - P2.3 - - P2.4 - - P2.5 - - P2.6 - - P2 P2.7 - - P3.0 RXD0, Serial port 0 input - P3.1 TXD0, Serial port 0 output - P3.2 INT0 , External interrupt 0 - P3.3 INT1 , External interrupt 1 - P3.4 T0, Counter input 0 to Timer 0, or PWM2, PWM output from Timer 2 - P3 P3.5 T1, Counter input 1 to Timer 1, or PWM3, PWM output from Timer 3 - Table 20. Available I/O-Ports |