| データシートサーチシステム |
|
CC1010-RTR1 データシート(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC1010-RTR1 データシート(HTML) 6 Page - Texas Instruments |
|
6 / 152 page ![]() CC1010 SWRS047 Page 6 of 152 4. DC Characteristics The DC Characteristics of CC1010 are listed in Table 3 below. Tc = 25 °C, VDD = 3.3 V if nothing else stated Digital Inputs/Outputs Min Max Unit Condition Logic "0" input voltage 0 0.3*VDD V Logic "1" input voltage 0.7*VDD VDD V Logic "0" output voltage 0 0.4 V Output current -2.0 mA, ports P0.3-P0.0, P1.7- P1.0, P2.7-P2.4, P2.2- P2.0 Logic "1" output voltage 2.5 VDD V Output current 2.0mA, ports P0.3-P0.0, P1.7- P1.0, P2.7-P2.4, P2.2- P2.0 Logic "0" output voltage 0 0.4 V Output current -8.0 mA, port P2.3 Logic "1" output voltage 2.5 VDD V Output current 8.0mA, port P2.3 Logic "0" input current NA -1 µA Input signal equals GND Logic "1" input current NA 1 µA Input signal equals VDD Table 3. DC Characteristics 0 5 10 15 20 25 04 8 12 16 20 24 Frequency [MHz] Figure 1. Typical CPU core supply current vs. clock frequency |