| データシートサーチシステム |
|
CC1010-RTR1 データシート(PDF) 139 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC1010-RTR1 データシート(HTML) 139 Page - Texas Instruments |
|
139 / 152 page ![]() CC1010 SWRS047 Page 139 of 152 25. Tray Specification TQFP-64 antistatic tray, 8 by 20 devices. Tray Specification Package Tray Width Tray Length Tray Height Units per Tray TQFP-64 135.9 mm 322.6 mm 7.62 mm 160 26. Carrier Tape and Reel Specification Carrier tape and reel is in accordance with EIA Specification 481. Tape and Reel Specification Package Tape Width Component Pitch Hole Pitch Reel Diameter Units per Reel TQFP-64 24 mm 16 mm 4 mm 13” 1500 |