| データシートサーチシステム |
|
VC0736 データシート(PDF) 38 Page - NEXTCHIP Co,Ltd |
|
|
|||||||||||||||||||||||||||||
VC0736 データシート(HTML) 38 Page - NEXTCHIP Co,Ltd |
|
38 / 127 page ![]() NVP6124 Data sheet 02.11.2015 (REV 0.2) 36/125 4-CH AHD2.0 RX and 9-CH Audio Codec Start Bit Stop Bit Data Bit = 0 Data Bit = 0 Data Bit = 1 1us 1us 1us 3us Figure 4.3. Coaxitron Bit Timing NVP6124 is able to control coaxitron timing format on the video signal. Start Active line of Coaxitron (BL_TXST, 0x03~04[3:0],0x83~84[3:0], BANK3~4) is 18 th line on VBI. Pulse width of Coaxitron (BAUD, 0x00,80, BANK3~4) is fixed 1us. The size of Coaxial Data (PELCO_TXDAT, 0x20~23,0xA0~A3, BANK3~4) is 4 bytes. Refer to Figure 4.4. BL_HSP BAUD [0] PELCO_TXDAT_01 [1] [2] [3] [4] [5] [6] [7] DATA BIT PELCO_TXDAT_02 [0] [1] [2] [3] [4] [5] [6] [7] Figure 4.4. Data Structure of Coaxitron Origins (VBI 18th) 4.2. A-CP(AHD-Coaxial protocol) A-CP is the specifications are made for use in the Coaxial protocol AHD. As a major feature, A-CP Data located in the 17~20 th line. Also Data is 8bit each line. In this regard, please refer to the application note. |