| データシートサーチシステム |
|
VC0736 データシート(PDF) 81 Page - NEXTCHIP Co,Ltd |
|
|
|||||||||||||||||||||||||||||
VC0736 データシート(HTML) 81 Page - NEXTCHIP Co,Ltd |
|
81 / 127 page ![]() NVP6124 Data sheet 02.11.2015 (REV 0.2) 79/125 4-CH AHD2.0 RX and 9-CH Audio Codec Registers to Control Sync Detection ADDRESS REGISTER NAME BITS VALUE DESCRIPTION Bank Addr 30P 25P 0 0x23 FLD_DET_MODE_1 [7:6] 0x43 0x43 FLD_DET_MODE_x (x = channel 1~4 ) : Select the method to create the field information that will be externally output . 00 : Time-labs Mode : correction after Search for the two fields 01 : Normal toggle mode : correction after Search for the 16-fields 10 : normal mode : : Detection after Search for the 1-field 11 : Only toggle mode 0x27 FLD_DET_MODE_2 0x2B FLD_DET_MODE_3 0x2F FLD_DET_MODE_4 0x23 NOVID_DET_B_1 [3:0] NOVID_DET_B_x (x = channel 1~4 ) : Select Condition for No video detection, High Active. [0] : If the input video is not detected sync, decision to NO Video [1] : If width of detected sync is narrower than video standard, decision to NO Video [2] : If Vertical sync don't exist, decision to NO Video [3] : If the CLAMP is not stable, decision to NO Video 0x27 NOVID_DET_B_2 0x2B NOVID_DET_B_3 0x2F NOVID_DET_B_4 Registers to Control Y_DELAY ADDRESS REGISTER NAME BITS VALUE DESCRIPTION Bank Addr 30P 25P 0 0x30 Y_DELAY_1 [4:0] 0x10 0x10 Y_DELAY_ ON_x (x = channel 1~4 ) : Y DELAY Control, controllable between 0x00 ~ 0x1F. 0x31 Y_DELAY_2 0x32 Y_DELAY_3 0x33 Y_DELAY_4 Registers to Control Pedestal ADDRESS REGISTER NAME BITS VALUE DESCRIPTION Bank Addr 30P 25P 0 0x34 PED_ON_1 [6] 0x04 0x02 PED_ON_x : Select to Pedestal ON/OFF (x = channel 1~4 ) 0x35 PED_ON_2 0x36 PED_ON_3 0 : Pedestal OFF 1 : Pedestal ON 0x37 PED_ON_4 |