データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TN22 データシート(PDF) 6 Page - STMicroelectronics

部品番号 TN22
部品情報  STARTLIGHT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN22 データシート(HTML) 6 Page - STMicroelectronics

  TN22 Datasheet HTML 1Page - STMicroelectronics TN22 Datasheet HTML 2Page - STMicroelectronics TN22 Datasheet HTML 3Page - STMicroelectronics TN22 Datasheet HTML 4Page - STMicroelectronics TN22 Datasheet HTML 5Page - STMicroelectronics TN22 Datasheet HTML 6Page - STMicroelectronics TN22 Datasheet HTML 7Page - STMicroelectronics TN22 Datasheet HTML 8Page - STMicroelectronics TN22 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TN22
6/9
®
Figure 13: DPAK Package mechanical data
Figure 14: Footprint dimensions (in millimeters)
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
2.2
2.4
0.086
0.094
A1
0.9
1.1
0.035
0.043
A2
0.03
0.23
0.001
0.009
B
0.64
0.9
0.025
0.035
B2
5.2
5.4
0.204
0.212
C
0.45
0.6
0.017
0.023
C2
0.48
0.6
0.018
0.023
D
6
6.2
0.236
0.244
E
6.4
6.6
0.251
0.259
G
4.4
4.6
0.173
0.181
H
9.35
10.1
0.368
0.397
L2
0.80 Typ.
0.031 Typ.
L4
0.6
1.0
0.023
0.039
V2
0°
8°
0°
8°
6.7
6.7
3
3
1.6
1.6
2.3
2.3



Html Pages

1 2 3 4 5 6 7 8 9