| データシートサーチシステム |
|
TPS25751D データシート(PDF) 45 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPS25751D データシート(HTML) 45 Page - Texas Instruments |
|
45 / 89 page ![]() Table 8-6. Device Configuration using ADCIN1 and ADCIN2 ADCIN1 DECODED VALUE(2) ADCIN2 DECODED VALUE(2) I2C ADDRESS INDEX(1) DEAD BATTERY CONFIGURATION 7 5 #1 AlwaysEnableSink: The device always enables the sink path regardless of the amount of current the attached source is offering. USB PD is disabled until configuration is loaded. 5 5 #2 2 0 #3 1 7 #4 7 3 #1 NegotiateHighVoltage: The device always enables the sink path during the initial implicit contract regardless of the amount of current the attached source is offering. The PD controller enters the 'APP ' mode, enable USB PD PHY and negotiate a contract for the highest power contract that is offered up to 20 V. The configuration cannot be used when a patch is loaded from EEPROM. This option is not recommended for systems that can boot from 5 V. 3 3 #2 4 0 #3 3 7 #4 7 0 #1 SafeMode: The device does not enable the sink path. USB PD is disabled until configuration is loaded. Note that the configuration can put the device into a source-only mode. This is recommended when the application loads the patch from EEPROM. 0 0 #2 6 0 #3 5 7 #4 (1) See Table 8-5 to see the exact meaning of I2C Address Index. (2) See Table 8-2 for how to configure a given ADCINx decoded value. 8.4.2 Power States The TPS25751 can operate in one of three different power states: Active, Idle, or Sleep. The Modern Standby mode is a special case of the Idle mode. The functionality available in each state is summarized in Table 8-7. The device automatically transitions between the three power states based on the circuits that are active and required. See Figure 8-33. In the Sleep state, the TPS25751 detects a Type-C connection. Transitioning between the Active mode to Idle mode requires a period of time (T) without any of the following activity: • Incoming USB PD message • Change in CC status • GPIO input event • I2C transactions • Voltage alert • Fault alert Sleep State No CC connection Active State Idle State CC connected New activity CC detached & No activity for T CC attached & No new activity for T New activity Figure 8-33. Flow Diagram for Power States Table 8-7. Power Consumption States ACTIVE SOURCE MODE(1) ACTIVE SINK MODE5 IDLE SOURCE MODE IDLE SINK MODE MODERN STANDBY SOURCE MODE3 MODERN STANDBY SINK MODE4 SLEEP MODE2 PP_5V enabled disabled enabled disabled enabled disabled disabled www.ti.com TPS25751 SLVSH93 – OCTOBER 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 45 Product Folder Links: TPS25751 |