データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS25751D データシート(PDF) 73 Page - Texas Instruments

部品番号 TPS25751D
部品情報  TPS25751 USB Type-C® and USB PD Controller with Integrated Power Switches Optimized for Power Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25751D データシート(HTML) 73 Page - Texas Instruments

Back Button TPS25751D Datasheet HTML 69Page - Texas Instruments TPS25751D Datasheet HTML 70Page - Texas Instruments TPS25751D Datasheet HTML 71Page - Texas Instruments TPS25751D Datasheet HTML 72Page - Texas Instruments TPS25751D Datasheet HTML 73Page - Texas Instruments TPS25751D Datasheet HTML 74Page - Texas Instruments TPS25751D Datasheet HTML 75Page - Texas Instruments TPS25751D Datasheet HTML 76Page - Texas Instruments TPS25751D Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 89 page
background image
9.4.2.2.2.7 TPS25751S GND
The GND pad is used to dissipate heat for the TPS25751S device. Connect the GND pins (11, 12, 14 and 31)
to the Ground pad (39) underneath the TPS25751S device. Connect the through hole vias from the ground pad
on the top layer to a copper pour on the bottom layer to help dissipate heat. Additional vias can be added to
improve thermal dissipation.
www.ti.com
TPS25751
SLVSH93 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: TPS25751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89