データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD1985L-XX-AF5-R データシート(PDF) 3 Page - Unisonic Technologies

部品番号 LD1985L-XX-AF5-R
部品情報  VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP.COMPATIBLE, WITH INHIBIT FUNCTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD1985L-XX-AF5-R データシート(HTML) 3 Page - Unisonic Technologies

  LD1985L-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies LD1985L-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies LD1985L-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies LD1985L-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies LD1985L-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies LD1985L-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies LD1985L-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies LD1985L-XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies LD1985L-XX-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LD1985
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
3 of 9
www.unisonic.com.tw
QW-R102-021.J
ABSOLUTE MAXIMUM RATINGS (T
A=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
DC Input Voltage
VIN
7
V
INHIBIT Input Voltage
VINH
7
V
Output Current
IOUT
Internally limited
Power Dissipation
PD
Internally limited
Operating Junction Temperature
TOPR
-40 ~ +125
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Case
θJC
81
°C/W
ELECTRICAL CHARACTRISTICS
(TJ=25°C, VIN=VOUT+1V, IOUT=1mA, VSHDN=2V, CI=1μF, CO=1μF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Input Voltage
VI(OPR)
2.5
7
V
Output Voltage
VOUT
VIN=2.5V
1.470
1.5
1.530
V
IOUT=1 ~ 150mA
1.455
1.545
V
VIN =2.8V
1.764
1.8
1.836
V
IOUT =1 ~ 150mA
1.746
1.854
V
VIN =3.5V
2.450
2.5
2.550
V
IOUT =1 ~ 150mA
2.425
2.575
V
VIN =3.8V
2.744
2.8
2.856
V
IOUT =1 ~ 150mA
2.716
2.884
V
VIN =3.85V
2.793
2.85
2.907
V
IOUT =1 ~ 150mA
2.764
2.936
V
VIN =4.0V
2.940
3.0
3.060
V
IOUT =1 ~ 150mA
2.910
3.090
V
VIN =4.1V
3.038
3.1
3.162
V
IOUT =1 ~ 150mA
3.007
3.193
V
VIN =4.2V
3.136
3.2
3.264
V
IOUT =1 ~ 150mA
3.104
3.296
V
VIN =4.3V
3.234
3.3
3.366
V
IOUT =1 ~ 150mA
3.201
3.399
V
VIN =4.5V
3.430
3.5
3.570
V
IOUT =1 ~ 150mA
3.395
3.605
V
VIN =4.6V
3.528
3.6
3.672
V
IOUT =1 ~ 150mA
3.492
3.708
V
VIN =4.8V
3.724
3.8
3.876
V
IOUT =1 ~ 150mA
3.686
3.914
V
VIN =5.0V
3.920
4
4.080
V
IOUT =1 ~ 150mA
3.880
4.120
V
VIN =5.7V
4.606
4.7
4.794
V
IOUT =1 ~ 150mA
4.559
4.841
V
VIN =6.0V
4.900
5
5.100
V
IOUT =1 ~ 150mA
4.850
5.150
V



Html Pages

1 2 3 4 5 6 7 8 9