データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD1985L-XX-AF5-R データシート(PDF) 4 Page - Unisonic Technologies

部品番号 LD1985L-XX-AF5-R
部品情報  VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP.COMPATIBLE, WITH INHIBIT FUNCTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD1985L-XX-AF5-R データシート(HTML) 4 Page - Unisonic Technologies

  LD1985L-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies LD1985L-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies LD1985L-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies LD1985L-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies LD1985L-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies LD1985L-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies LD1985L-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies LD1985L-XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies LD1985L-XX-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LD1985
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
4 of 9
www.unisonic.com.tw
QW-R102-021.J
ELECTRICAL CHARACTRISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Short Circuit Current
ISC
RL=0
600
mA
Line Regulation
△ VOUT
VIN = VOUT +1V ~ 7V, IOUT =1mA
30
mV
Dropout Voltage
VD
IOUT =0
1
3
mV
IOUT =1mA
7
10
mV
IOUT =10mA
40
60
mV
IOUT =50mA
120
150
mV
IOUT =150mA
280
350
mV
Quiescent Current
IQ
IOUT =0
80
100
µA
IOUT =1mA
100
150
µA
IOUT =10mA
280
330
µA
IOUT =50mA
1050
1300
µA
IOUT =150mA
2900
3300
µA
OFF MODE VINH<0.18V
1.5
µA
Supply Voltage Rejection
SVR
CBYP=0.01μF, Co=10μF, f=1KHz
45
dB
Control Input Logic Low
VIL
TJ=-20 ~ 125°C
0.15
V
Control Input Logic High
VIH
TJ=-20 ~ 125°C
2
V
Control Input Current
IINH
TJ=-20 ~ 125°C, VSHDN=5V
5
15
µA
TJ=-20 ~ 125°C, VSHDN=0V
0
-1
µA
Output Noise Voltage
eN
B=300Hz ~ 50KHz
CBYP=0.01μF, Co=10μF
30
µV



Html Pages

1 2 3 4 5 6 7 8 9