| データシートサーチシステム |
|
AM29F016D-90EC データシート(PDF) 31 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F016D-90EC データシート(HTML) 31 Page - Advanced Micro Devices |
|
31 / 43 page ![]() November 1, 2006 21444E6 Am29F016D 29 D A TA SH EE T AC CHARACTERISTICS Erase/Program Operations Notes: 1. Not 100% tested. 2. See the “Erase And Programming Performance” section for more information. Parameter Parameter Description Speed Options Unit JEDEC Std -70 -90 -120 tAVAV tWC Write Cycle Time (Note 1) Min 70 90 120 ns tAVWL tAS Address Setup Time Min 0 ns tWLAX tAH Address Hold Time Min 40 45 50 ns tDVWH tDS Data Setup Time Min 40 45 50 ns tWHDX tDH Data Hold Time Min 0 ns tOES Output Enable Setup Time Min 0 ns tGHWL tGHWL Read Recover Time Before Write (OE# high to WE# low) Min 0 ns tELWL tCS CE# Setup Time Min 0 ns tWHEH tCH CE# Hold Time Min 0 ns tWLWH tWP Write Pulse Width Min 40 45 50 ns tWHWL tWPH Write Pulse Width High Min 20 ns tWHWH1 tWHWH1 Byte Programming Operation (Note 2) Typ 7 µs tWHWH2 tWHWH2 Sector Erase Operation (Note 2) Typ 1 sec Max 8 sec tVCS VCC Set Up Time (Note 1) Min 50 µs tBUSY WE# to RY/BY# Valid Max 40 40 50 ns |