| データシートサーチシステム |
|
AM29F016D-90EC データシート(PDF) 36 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F016D-90EC データシート(HTML) 36 Page - Advanced Micro Devices |
|
36 / 43 page ![]() 34 Am29F016D 21444E6 November 1, 2006 D A TA SH EE T AC CHARACTERISTICS Erase and Program Operations Alternate CE# Controlled Writes Notes: 1. Not 100% tested. 2. See the “Erase And Programming Performance” section for more information. Parameter Symbol Parameter Description Speed Options Unit JEDEC Std -70 -90 -120 tAVAV tWC Write Cycle Time (Note 1) Min 70 90 120 ns tAVEL tAS Address Setup Time Min 0 ns tELAX tAH Address Hold Time Min 40 45 50 ns tDVEH tDS Data Setup Time Min 40 45 50 ns tEHDX tDH Address Hold Time Min 0 ns tGHEL tGHEL Read Recover Time Before Write Min 0 ns tWLEL tWS CE# Setup Time Min 0 ns tEHWH tWH CE# Hold Time Min 0 ns tELEH tCP Write Pulse Width Min 40 45 50 ns tEHEL tCPH Write Pulse Width High Min 20 ns tWHWH1 tWHWH1 Byte Programming Operation (Note 2) Typ 7 µs tWHWH2 tWHWH2 Sector Erase Operation (Note 2) Typ 1 sec Max 8 sec |