データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29PL160C データシート(PDF) 35 Page - Advanced Micro Devices

部品番号 AM29PL160C
部品情報  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PL160C データシート(HTML) 35 Page - Advanced Micro Devices

Back Button AM29PL160C Datasheet HTML 31Page - Advanced Micro Devices AM29PL160C Datasheet HTML 32Page - Advanced Micro Devices AM29PL160C Datasheet HTML 33Page - Advanced Micro Devices AM29PL160C Datasheet HTML 34Page - Advanced Micro Devices AM29PL160C Datasheet HTML 35Page - Advanced Micro Devices AM29PL160C Datasheet HTML 36Page - Advanced Micro Devices AM29PL160C Datasheet HTML 37Page - Advanced Micro Devices AM29PL160C Datasheet HTML 38Page - Advanced Micro Devices AM29PL160C Datasheet HTML 39Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
May 9, 2006 22143C7
Am29PL160C
33
D A TA
SH EE T
AC CHARACTERISTICS
Notes:
1. PA = program address, PD = program data, DOUT is the true data at the program address.
2. Illustration shows device in word mode.
Figure 15.
Program Operation Timings
OE#
WE#
CE#
VCC
Data
Addresses
tDS
tAH
tDH
tWP
PD
tWHWH1
tWC
tAS
tWPH
tVCS
555h
PA
PA
Read Status Data (last two cycles)
A0h
tGHWL
tCS
Status
DOUT
Program Command Sequence (last two cycles)
tCH
PA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44