| データシートサーチシステム |
|
AM29PL160C データシート(PDF) 8 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29PL160C データシート(HTML) 8 Page - Advanced Micro Devices |
|
8 / 44 page ![]() 6 Am29PL160C 22143C7 May 9, 2006 D A TA SH EE T PIN CONFIGURATION A0–A19 = 20 address inputs DQ0–DQ15 = 16 data inputs/outputs DQ15/A-1 = In word mode, functions as DQ15 (MSB data input/output) In byte mode, functions as A-1 (LSB address input) BYTE# = Byte enable input When low, enables byte mode When high, enables word mode CE# = Chip Enable input OE# = Output Enable input WE# = Write Enable input VCC = 3.0 volt-only single power supply (see Product Selector Guide for speed options and voltage supply tolerances) VSS = Device ground NC = Pin not connected internally LOGIC SYMBOL 20 16 or 8 DQ0–DQ15 (A-1) A0–A19 CE# OE# WE# BYTE# |