| データシートサーチシステム |
|
AM29DL16XDB70VRF データシート(PDF) 37 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29DL16XDB70VRF データシート(HTML) 37 Page - Advanced Micro Devices |
|
37 / 57 page ![]() December 1, 2006 21533E5 Am29DL16xD 39 D A TA SH EET TEST CONDITIONS Table 16. Test Specifications Key To Switching Waveforms 2.7 k Ω CL 6.2 k Ω 3.3 V Device Under Test Note: Diodes are IN3064 or equivalent Figure 11. Test Setup Test Condition 70, 80 90, 120 Unit Output Load 1 TTL gate Output Load Capacitance, C L (including jig capacitance) 30 100 pF Input Rise and Fall Times 5 ns Input Pulse Levels 0.0–3.0 V Input timing measurement reference levels 1.5 V Output timing measurement reference levels 1.5 V WAVEFORM INPUTS OUTPUTS Steady Changing from H to L Changing from L to H Don’t Care, Any Change Permitted Changing, State Unknown Does Not Apply Center Line is High Impedance State (High Z) 3.0 V 0.0 V 1.5 V 1.5 V Output Measurement Level Input Figure 12. Input Waveforms and Measurement Levels |