| データシートサーチシステム |
|
AM29DL16XDB70VRF データシート(PDF) 39 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29DL16XDB70VRF データシート(HTML) 39 Page - Advanced Micro Devices |
|
39 / 57 page ![]() December 1, 2006 21533E5 Am29DL16xD 41 D A TA SH EET AC CHARACTERISTICS Hardware Reset (RESET#) Note: Not 100% tested. Parameter Description All Speed Options Unit JEDEC Std t Ready RESET# Pin Low (During Embedded Algorithms) to Read Mode (See Note) Max 20 μs tReady RESET# Pin Low (NOT During Embedded Algorithms) to Read Mode (See Note) Max 500 ns t RP RESET# Pulse Width Min 500 ns t RH Reset High Time Before Read (See Note) Min 50 ns t RPD RESET# Low to Standby Mode Min 20 μs t RB RY/BY# Recovery Time Min 0 ns RESET# RY/BY# RY/BY# tRP tReady Reset Timings NOT during Embedded Algorithms tReady CE#, OE# tRH CE#, OE# Reset Timings during Embedded Algorithms RESET# tRP tRB Figure 14. Reset Timings |