| データシートサーチシステム |
|
L033C70VF データシート(PDF) 34 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
L033C70VF データシート(HTML) 34 Page - Advanced Micro Devices |
|
34 / 49 page ![]() 32 Am29LV033C 22268B5 September 12, 2006 DA TA SH EET AC CHARACTERISTICS Read Operations Notes: 1. Not 100% tested. 2. See Figure 11, on page 33 and Table 11, on page 33 for test specifications. Parameter Description Speed Option JEDEC Std Test Setup -70 -90 -120 Unit t AVAV t RC Read Cycle Time (Note 1) Min 70 90 120 ns t AVQV t ACC Address to Output Delay CE# = V IL OE# = V IL Max 70 90 120 ns t ELQV t CE Chip Enable to Output Delay OE# = V IL Max 70 90 120 ns t GLQV t OE Output Enable to Output Delay Max 30 40 50 ns t EHQZ t DF Chip Enable to Output High Z (Note 1) Max 25 30 30 ns t GHQZ t DF Output Enable to Output High Z (Note 1) Max 25 30 30 ns t OEH Output Enable Hold Time (Note 1) Read Min 0 ns Toggle and Data# Polling Min 10 ns t AXQX t OH Output Hold Time From Addresses, CE# or OE#, Whichever Occurs First (Note 1) Min 0 ns tCE Outputs WE# Addresses CE# OE# HIGH Z Output Valid HIGH Z Addresses Stable tRC tACC tOEH tOE 0 V RY/BY# RESET# tDF tOH Figure 13. Read Operations Timings |