データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L033C70VF データシート(PDF) 49 Page - Advanced Micro Devices

部品番号 L033C70VF
部品情報  32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

L033C70VF データシート(HTML) 49 Page - Advanced Micro Devices

Back Button L033C70VF Datasheet HTML 41Page - Advanced Micro Devices L033C70VF Datasheet HTML 42Page - Advanced Micro Devices L033C70VF Datasheet HTML 43Page - Advanced Micro Devices L033C70VF Datasheet HTML 44Page - Advanced Micro Devices L033C70VF Datasheet HTML 45Page - Advanced Micro Devices L033C70VF Datasheet HTML 46Page - Advanced Micro Devices L033C70VF Datasheet HTML 47Page - Advanced Micro Devices L033C70VF Datasheet HTML 48Page - Advanced Micro Devices L033C70VF Datasheet HTML 49Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 49 page
background image
47
Am29LV033C
22268B5 September 12, 2006
DA TA
SH EET
Valid Combination for FBGA Packages
Added new combinations for Order Number — WDF
f o r
AM29 LV 033C-70
an d
WDF,
WDK
f o r
AM29LV033C-90 and AM29LV033C-120
Added new combinations for Package Marking — F for
L033C70V and F, K for L033C90V and L033C120V
Revision B+4 (June 7, 2005)
Modified EOL disclaimer
Cover page and Title page
Added notation to superseding documents.
Revision B5 (September 12, 2006)
Erase and Program Operations table
Changed tBUSY to a maximum specification.
Colophon
The products described in this document are designed, developed and manufactured as contemplated for general use, including without limita-
tion, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as con-
templated (1) for any use that includes fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the
public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility,
aircraft flight control, air traffic control, mass transport control, medical life support system, missile launch control in weapon system), or (2) for
any use where chance of failure is intolerable (i.e., submersible repeater and artificial satellite). Please note that Spansion Inc. will not be liable
to you and/or any third party for any claims or damages arising in connection with above-mentioned uses of the products. Any semiconductor
devices have an inherent chance of failure. You must protect against injury, damage or loss from such failures by incorporating safety design
measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating
conditions. If any products described in this document represent goods or technologies subject to certain restrictions on export under the Foreign
Exchange and Foreign Trade Law of Japan, the US Export Administration Regulations or the applicable laws of any other country, the prior au-
thorization by the respective government entity will be required for export of those products.
Trademarks
Copyright © 2005 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.
Copyright © 2006 Spansion Inc. All Rights Reserved. Spansion, the Spansion logo, MirrorBit, ORNAND, HD-SIM, and combinations thereof are
trademarks of Spansion Inc. Other names are for informational purposes only and may be trademarks of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49