| データシートサーチシステム |
|
AM29PDS322DT100WMIN データシート(PDF) 17 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29PDS322DT100WMIN データシート(HTML) 17 Page - Advanced Micro Devices |
|
17 / 51 page ![]() December 4, 2006 23569A5 Am29PDS322D 15 D A TA SH EET Autoselect Mode The autoselect mode provides manufacturer and de- vice identification, and sector protection verification, through identifier codes output on DQ15–DQ0. This mode is primarily intended for programming equip- ment to automatically match a device to be pro- gramme d with its corresponding programm ing algorithm. However, the autoselect codes can also be accessed in-system through the command register. When using programming equipment, the autoselect mode requires V ID (8.5 V to 12.5 V) on address pin A9. Address pins A6, A1, and A0 must be as shown in Table 7. In addition, when verifying sector protection, the sector address must appear on the appropriate highest order address bits (see Tables 3 through 6). Table 7 shows the remaining address bits that are don’t care. When all necessary bits have been set as required, the programming equipment may then read the corresponding identifier code on DQ15–DQ0. To access the autoselect codes in-system, the host system can issue the autoselect command via the command register, as shown in Table 10. This method does not require V ID. Refer to the Autoselect Com- mand Sequence section for more information. Table 7. Autoselect Codes (High Voltage Method) Legend: L = Logic Low = VIL, H = Logic High = VIH, SA = Sector Address, X = Don’t care. Description CE# OE# WE# A20 to A12 A11 to A10 A9 A8 to A7 A6 A5 to A4 A3 A2 A1 A0 DQ15 to DQ0 Manufacturer ID: AMD LL H X X VID XLX X XL L 0001h Device ID Word 1 L L H X X VID XLXL L L H 227Eh Device ID Word 2 L L H X X V ID X L X HHH L 2206h Device ID Word 3: Top or Bottom Boot LL H X X V ID X L X HHH H 2201h (Top Boot), 2200h (Bottom Boot) Sector Protection Verification LL H SAX VID XLX X X H L XX01h (protected), XX00h (unprotected) SecSi Indicator Bit (DQ7), WP# protects highest address sector LL H X X VID XLX X X H H 80h (factory locked), 00h (not factory locked) |