| データシートサーチシステム |
|
AM29PDS322DT100WMIN データシート(PDF) 47 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29PDS322DT100WMIN データシート(HTML) 47 Page - Advanced Micro Devices |
|
47 / 51 page ![]() December 4, 2006 23569A5 Am29PDS322D 45 D A TA SH EET AC CHARACTERISTICS Alternate CE# Controlled Erase and Program Operations Notes: 1. Not 100% tested. 2. See the “Erase And Programming Performance” section for more information. Parameter Speed Option JEDEC Std Description 10 12 Unit t AVAV t WC Write Cycle Time (Note 1) Min 100 120 ns t AVWL t AS Address Setup Time Min 0 ns tELAX tAH Address Hold Time Min 60 ns tDVEH tDS Data Setup Time Min 60 ns tEHDX tDH Data Hold Time Min 0 ns t GHEL t GHEL Read Recovery Time Before Write (OE# High to WE# Low) Min 0 ns tWLEL tWS WE# Setup Time Min 0 ns tEHWH tWH WE# Hold Time Min 0 ns tELEH tCP CE# Pulse Width Min 60 ns tEHEL tCPH CE# Pulse Width High Min 60 ns tWHWH1 tWHWH1 Programming Operation (Note 2) Typ 16 µs tWHWH1 tWHWH1 Accelerated Programming Operation (Note 2) Typ 5 5 µs tWHWH2 tWHWH2 Sector Erase Operation (Note 2) Typ 1 sec |