| データシートサーチシステム |
|
AM29PL320DT70RWPI データシート(PDF) 15 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29PL320DT70RWPI データシート(HTML) 15 Page - Advanced Micro Devices |
|
15 / 49 page ![]() June 13, 2005 Am29PL320D 13 Table 6. Sector Address Table, Bottom Boot (Am29PL320DB) Note: Address range is A19–A-1 if device is in word mode (WORD# = VIL). Address range is A19–A0 if device is in double word mode (WORD# = VIH). Table 7. SecSi ™ Sector Addresses for Bottom Boot Devices Sector A19 A18 A17 A16 A15 A14 A13 A12 Sector Size (Kwords/ Kdouble words) Address Range (in hexadecimal) Word Mode (x16) Double Word Mode (x32) SA0 0 0 0 0 0 0 0 X 16/8 000000–003FFF 00000–001FF SA1 0 0 0 0 0 0 1 0 8/4 004000–005FFF 02000–02FFF SA2 0 0 0 0 0 0 1 1 8/4 006000–007FFF 03000–03FFF SA3 0 0 0 0 01000–11111 96/48 008000–01FFFF 04000–0FFFF SA4 0 0 0 1 X X X X 128/64 020000–03FFFF 10000–1FFFF SA5 0 0 1 0 X X X X 128/64 040000–05FFFF 20000–2FFFF SA6 0 0 1 1 X X X X 128/64 060000–07FFFF 30000–3FFFF SA7 0 1 0 0 X X X X 128/64 080000–09FFFF 40000–4FFFF SA8 0 1 0 1 X X X X 128/64 0A0000–0BFFFF 50000–5FFFF SA9 0 1 1 0 X X X X 128/64 0C0000–0DFFFF 60000–6FFFF SA10 0 1 1 1 X X X X 128/64 0E0000–0FFFFF 70000–7FFFF SA11 1 0 0 0 X X X X 128/64 100000–11FFFF 80000–8FFFF SA12 1 0 0 1 X X X X 128/64 120000–13FFFF 90000–9FFFF SA13 1 0 1 0 X X X X 128/64 140000–15FFFF A0000–AFFFF SA14 1 0 1 1 X X X X 128/64 160000–17FFFF B0000–BFFFF SA15 1 1 0 0 X X X X 128/64 180000–19FFFF C0000–CFFFF SA16 1 1 0 1 X X X X 128/64 1A0000–1BFFFF D0000–DFFFF SA17 1 1 1 0 X X X X 128/64 1C0000–1DFFFF E0000–EFFFF SA18 1 1 1 1 X X X X 128/64 1E0000–1FFFFF F0000–FFFFF Device Sector Address A7–A0 Sector Size (x16) Address Range (x32) Address Range Am29PL320DB 00000000 512 words/256 double words 000000h–0001FFh 00000h–000FFh |