| データシートサーチシステム |
|
AM29PL320DT70RWPI データシート(PDF) 16 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29PL320DT70RWPI データシート(HTML) 16 Page - Advanced Micro Devices |
|
16 / 49 page ![]() 14 Am29PL320D June 13, 2005 Autoselect Mode The autoselect mode provides manufacturer and de- vice identification, and sector protection verification, through identifier codes output on DQ7–DQ0. This mode is primarily intended for programming equipment to automatically match a device to be programmed with its corresponding programming algorithm. How- ever, the autoselect codes can also be accessed in- system through the command register. When using programming equipment, the autoselect mode requires VID (11.5 V to 12.5 V) on address input A9. Address inputs must be as shown in Table 8. In ad- dition, when verifying sector protection, the sector address must appear on the appropriate highest order address bits (Table 4). Table 8 shows the remaining address bits that are don’t care. When all necessary bits have been set as required, the programming equipment may then read the corresponding identifier code on DQ7-DQ0. To access the autoselect codes in-system, the host system can issue the autoselect command via the command register, as shown in Table 13. This method does not require VID. See “Command Definitions” for details on using the autoselect mode. Table 8. Am29PL320D Autoselect Codes (High Voltage Method) L = Logic Low = VIL, H = Logic High = VIH, SA = Sector Address, X = Don’t care. Note: The autoselect codes may also be accessed in-system via command sequences. See Table 13. Sector Protection/Unprotection The hardware sector protection feature disables both program and eras e operat ions in an y s e c t or. The hardware sector unprotection feature re-enables both program and erase operations in previously protected sectors. The device is shipped with all sectors unprotected. AMD offers the option of programming and protecting sectors at its factory prior to shipping the device through AMD’s ExpressFlash™ Service. Contact an AMD representative for details. It is possible to determine whether a sector is protected or unprotected. See “Autoselect Mode” for details. Sector protection and unprotection must be imple- mented via programming equipment. The procedure requires high voltage (VID) to be placed on address input A9 and control input OE#. This method is com- patible with programmer routines written for earlier AMD 3.0 volt devices. Publication number 24136 con- tains further details; contact an AMD representative to request a copy. For sector unprotect, all unprotected sectors must first be protected prior to the first sector unprotect write cycle. Note that after the sector unpro- tect operation, all previously protected sectors must be re-protected using the sector protect algorithm. The device features a temporary unprotect command sequence to allow changing array data in-system. See “Te m pora r y Sec t or Unpro t ec t Ena b le/ Dis able Command Sequence” for more information. Description Mode DQ31– DQ8 DQ7–DQ0 Manufacturer ID: AMD L L H X X VID XL X X XL L X 01h Read Cycle 1 Word L L H XX VID XL XL L L H 22h 7Eh Dbl. Word L L H 222222h Read Cycle 2 Word L L H XX VID XL X H H H L 22h 03h Dbl. Word L L H 222222h Read Cycle 3 Word L L H XX VID XL X H H H H 22h 00h (bottom boot) 01h (top boot) Dbl. Word L L H 222222h SecSi ™ Sector Indicator Bit LL H X X VID XL XL L H H X 80h (factory locked) 00h (not factory locked) Sector Protection Verification LL H SA X VID XL XL L H L X 01h (protected) 00h (unprotected) |