データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29LV128ML93REF データシート(PDF) 9 Page - Advanced Micro Devices

部品番号 AM29LV128ML93REF
部品情報  128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV128ML93REF データシート(HTML) 9 Page - Advanced Micro Devices

Back Button AM29LV128ML93REF Datasheet HTML 5Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 6Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 7Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 8Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 9Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 10Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 11Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 12Page - Advanced Micro Devices AM29LV128ML93REF Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
January 31, 2007 25270C7
Am29LV128MH/L
9
D A TA
SH EET
PIN DESCRIPTION
A22–A0
= 23 Address inputs
DQ14–DQ0 = 15 Data inputs/outputs
DQ15/A-1
= DQ15 (Data input/output, word mode),
A-1 (LSB Address input, byte mode)
CE#
= Chip Enable input
OE#
= Output Enable input
WE#
= Write Enable input
WP#/ACC
= Hardware Write Protect input;
Acceleration input
RESET#
= Hardware Reset Pin input
BYTE#
= Selects 8-bit or 16-bit mode
RY/BY#
= Ready/Busy output
V
CC
= 3.0 volt-only single power supply
(see Product Selector Guide for
speed options and voltage
supply tolerances)
V
IO
= Output Buffer power
V
SS
= Device Ground
NC
= Pin Not Connected Internally
LOGIC SYMBOL
23
16 or 8
DQ15–DQ0
(A-1)
A22–A0
CE#
OE#
WE#
RESET#
RY/BY#
WP#/ACC
VIO
BYTE#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66