データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L320DB12VC データシート(PDF) 51 Page - Advanced Micro Devices

部品番号 L320DB12VC
部品情報  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

L320DB12VC データシート(HTML) 51 Page - Advanced Micro Devices

Back Button L320DB12VC Datasheet HTML 47Page - Advanced Micro Devices L320DB12VC Datasheet HTML 48Page - Advanced Micro Devices L320DB12VC Datasheet HTML 49Page - Advanced Micro Devices L320DB12VC Datasheet HTML 50Page - Advanced Micro Devices L320DB12VC Datasheet HTML 51Page - Advanced Micro Devices L320DB12VC Datasheet HTML 52Page - Advanced Micro Devices L320DB12VC Datasheet HTML 53Page - Advanced Micro Devices L320DB12VC Datasheet HTML 54Page - Advanced Micro Devices L320DB12VC Datasheet HTML 55Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 57 page
background image
December 14, 2005
Am29LV320D
49
DA TA SH EET
AC CHARACTERISTICS
tGHEL
tWS
OE#
CE#
WE#
RESET#
tDS
Data
tAH
Addresses
tDH
tCP
DQ7#
DOUT
tWC
tAS
tCPH
PA
Data# Polling
A0 for program
55 for erase
tRH
tWHWH1 or 2
RY/BY#
tWH
PD for program
30 for sector erase
10 for chip erase
555 for program
2AA for erase
PA for program
SA for sector erase
555 for chip erase
tBUSY
Notes:
1. Figure indicates last two bus cycles of a program or erase operation.
2. PA = program address, SA = sector address, PD = program data.
3. DQ7# is the complement of the data written to the device. D
OUT is the data written to the device.
4. Waveforms are for the word mode.
Figure 26.
Alternate CE# Controlled Write (Erase/Program) Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57