データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L320DB12VC データシート(PDF) 56 Page - Advanced Micro Devices

部品番号 L320DB12VC
部品情報  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

L320DB12VC データシート(HTML) 56 Page - Advanced Micro Devices

Back Button L320DB12VC Datasheet HTML 49Page - Advanced Micro Devices L320DB12VC Datasheet HTML 50Page - Advanced Micro Devices L320DB12VC Datasheet HTML 51Page - Advanced Micro Devices L320DB12VC Datasheet HTML 52Page - Advanced Micro Devices L320DB12VC Datasheet HTML 53Page - Advanced Micro Devices L320DB12VC Datasheet HTML 54Page - Advanced Micro Devices L320DB12VC Datasheet HTML 55Page - Advanced Micro Devices L320DB12VC Datasheet HTML 56Page - Advanced Micro Devices L320DB12VC Datasheet HTML 57Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 56 / 57 page
background image
54
Am29LV320D
December 14, 2005
DA TA SH EET
Command Definitions
Changed the first address of the Unlock Bypass Reset
from BA to XXX.
Erase and Programming Performance
Corrected the Sector Erase Time Typical to 0.7.
Revision C+2 (April 4, 2003)
Distinctive Characteristics
Clarified reference to MirrorBit in Secured Silicon sec-
tion.
Secured Silicon Sector
Clarified reference of MirrorBit for an example in last
sentence of first paragraph.
Revision C+3 (September 19, 2003)
Valid Combinations
Added the 90R package to table.
Revision C+4 (April 5, 2004)
Command Definitions
Changed first address data for Erase Suspend/Re-
sume from BA to XXX.
Revision C+5 (June 4, 2004)
Ordering Information
Added Lead-free (Pb-free) options to the temperature
ranges breakout table and valid combinations table.
Product Selector Guide
Added 90R voltage range.
Revision C+6 (November 15, 2004)
Global
Added Colophon. Updated Trademarks. Added refer-
ence links
Ordering Information
Added Automotive In-Cabin temperature range and
associated part numbers in the valid combination ta-
ble.
Erase and Programming Performance
Updated Chip Erase Time.
AC Characteristics
Added tRH line to Figure 15.
Erase and Program Operations
Corrected Sector Erase Operation time (
t
WHWH2)
Alternate CE# Control Erase and Program
Operations
Corrected Sector Erase Operation time (
t
WHWH2)
Command Definitions
Update text in Sector Erase Command Sequence
paragraph.
Revision C+7 (July 11, 2005)
Global
Added text to first page of data sheet and cover page
indicating that the Am29LV320D is now superceded by
the S29AL032D device.
Replaced all occurences of “SecSi Sector” with “Se-
cured Silicon Sector” to reflect change of terminology.
Common Flash Memory Interfacte (CFI)
Added reference to application note. Deleted link to
CFI documents available on the world wide web.
Revision C+8 (December 14, 2005)
Global
This product has been retired and is not available for
designs. For new and current designs, S29AL032D
supersedes Am29LV320D and is the factory-recom-
mende d mig r ation pa th. P l ease refe r to th e
S29AL032D datasheet for specifications and ordering
information. Availability of this document is retained for
reference and historical purposes only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57