データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29BDS640G データシート(PDF) 54 Page - Advanced Micro Devices

部品番号 AM29BDS640G
部品情報  64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS640G データシート(HTML) 54 Page - Advanced Micro Devices

Back Button AM29BDS640G Datasheet HTML 50Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 51Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 52Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 53Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 54Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 55Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 56Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 57Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 58Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 77 page
background image
52
Am29BDS640G
25903C2 May 9, 2006
Data
Sheet
AC Characteristics
Note: Figure assumes 6 wait states for initial access, 40 MHz clock, and synchronous read. The Set Configuration Reg-
ister command sequence has been written with A18=0; device will output RDY one cycle before valid data.
Figure 15. Burst with RDY Set One Cycle Before Data
D1
D0
D2
D3
Da + n
OE#
DQ15-DQ0
A21-A0
Aa
AVD#
RDY
CLK
CE#
tCES
tACS
tAVDS
tAVD
tACH
tOE
tRACC
tOEZ
tCEZ
tIACC
tBDH
6 wait cycles for initial access shown.
25 ns typ. (40 MHz)
Hi-Z
Hi-Z
Hi-Z
1
2
3
456
tRDYS
tBACC
tACC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77