データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29BDS640G データシート(PDF) 61 Page - Advanced Micro Devices

部品番号 AM29BDS640G
部品情報  64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS640G データシート(HTML) 61 Page - Advanced Micro Devices

Back Button AM29BDS640G Datasheet HTML 57Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 58Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 59Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 60Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 61Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 62Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 63Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 64Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 65Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 77 page
background image
May 9, 2006 25903C2
Am29BDS640G
59
Data
Sheet
AC Characteristics
Notes:
1. PA = Program Address, PD = Program Data, VA = Valid Address for reading status bits.
2. “In progress” and “complete” refer to status of program operation.
3. A21–A12 are don’t care during command sequence unlock cycles.
4. The Asynchronous programming operation is independent of the Set Device Read Mode bit in the Burst Mode
Configuration Register.
Figure 21. Asynchronous Program Operation Timings
OE#
CE#
Data
Addresses
AVD
WE#
CLK
VCC
555h
PD
tAS
tAVSW
tAVHW
tCSW1
tAH
tWC
tWPH
PA
tVCS
tWP
tDH
tCH
In
Progress
tWHWH1
VA
Complete
VA
Program Command Sequence (last two cycles)
Read Status Data
tDS
VIH
VIL
tAVDP
A0h
tCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77