| データシートサーチシステム |
|
ADA3200AIP4AP データシート(PDF) 52 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ADA3200AIP4AP データシート(HTML) 52 Page - Advanced Micro Devices |
|
52 / 95 page ![]() PID: 30430 Rev 3.51 March 2006 AMD Athlon™ 64 Processor Power and Thermal Data Sheet 52 AMD Athlon™ 64 FX Processor 2.2 AMD Athlon™ 64 FX Processor BIOS Specifications Table 18 contains the power and thermal related BIOS specifications for this processor family. Each column in the BIOS specification tables represents a specific Ordering Part Number (OPN). Section 2.1 provides an example of the OPN structure for this processor family. Table 18: AMD Athlon™ 64 FX Processor BIOS Specifications The notes for this table appear on page 55. Parameter/OPN Notes M odel Number CPUID 8000_0001h EBX [11:6] (BrandID) 1 CPUID 8000_0001h EAX [31:0] (CPUID) 1 FID/VID Status M axVID Field 2 FID/VID Status M axFID Field 2 FID/VID Status StartVID Field 2 FID/VID Status StartFID Field 2 L2 Cache Size Max P-S tate VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-S tate #1 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-S tate #2 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-S tate #3 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-S tate #4 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-S tate #5 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-S tate #6 5 VID Code / VID_VDD 3 Thermal Design Power 4 Min P-S tate VID Code / VID_VDD 3 Thermal Design Power 4 N/A N/A N/A N/A N/A 89.0 W N/A N/A N/A N/A N/A N/A N/A N/A 2400 M Hz 1 M B 02h N/A 2Ah 02h 1.500 V 89.0 W 1 MB 2200 MHz 02h 1.500 V 10h 24h 00h 00000F5Ah FX53 ADAFX53CEP5AT ADAFX51CEP5AK FX51 24h 00000F58h 00h 2Ah 02h 0Eh |