| データシートサーチシステム |
|
ADA3200AIP4AP データシート(PDF) 95 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ADA3200AIP4AP データシート(HTML) 95 Page - Advanced Micro Devices |
|
95 / 95 page ![]() PID: 30430 Rev 3.51 March 2006 AMD Athlon™ 64 Processor Power and Thermal Data Sheet 95 MTOPS 6MTOPS Table 47 shows the Composite Theoretical Performance (CTP) calculations ("Calculations") for AMD Athlon™ 64, AMD Athlon™ 64 FX, AMD Athlon™ 64 X2 Dual Core and AMD Sempron™ microprocessors. The Calculations are stated in Millions of Theoretical Operations Per Second (MTOPS) and are based upon a formula in the United States Department of Commerce Export Administration Regulations 15 CFR 774 (Advisory Note 4 for Category 4). All Calculations contained herein are subject to change without notice. AMD makes no representation or warranty as to the accuracy or reliability of such Calculations. THESE CALCULATIONS ARE PROVIDED "AS IS" WITH NO WARRANTIES WHATSOEVER, EXPRESS OR IMPLIED, INCLUDING ANY WARRANTY OF MERCHANTABILITY, NONINFRINGEMENT, FITNESS FOR ANY PARTICULAR PURPOSE OR ANY WARRANTY OTHERWISE ARISING OUT OF AMD PROVIDING OR ANY PARTY'S USE OF THE CALCULATIONS. Furthermore, AMD shall have no liability for any losses or damages including direct, indirect, special or consequential, such as but not limited to, loss of anticipated profits or other economic loss occurring in connection with use of the Calculations. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted herein. Table 47: Composite Theoretical Performance (CTP) Calculations 800 2,467 4,667 1000 3,084 5,834 1200 3,700 7,000 1400 4,317 8,167 1600 4,934 9,334 1800 5,550 10,500 2000 6,167 11,667 2200 6,784 12,834 2400 7,400 14,000 2600 8,017 15,167 2800 8,634 16,334 3000 9,250 17,500 MTO PS Dual-Core Frequency MTO PS Single-Core |