データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L033MU01RI データシート(PDF) 60 Page - SPANSION

部品番号 L033MU01RI
部品情報  32 Megabit (4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPANSION [SPANSION]
ホームページ  http://www.spansion.com
Logo SPANSION - SPANSION

L033MU01RI データシート(HTML) 60 Page - SPANSION

Back Button L033MU01RI Datasheet HTML 53Page - SPANSION L033MU01RI Datasheet HTML 54Page - SPANSION L033MU01RI Datasheet HTML 55Page - SPANSION L033MU01RI Datasheet HTML 56Page - SPANSION L033MU01RI Datasheet HTML 57Page - SPANSION L033MU01RI Datasheet HTML 58Page - SPANSION L033MU01RI Datasheet HTML 59Page - SPANSION L033MU01RI Datasheet HTML 60Page - SPANSION L033MU01RI Datasheet HTML 61Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 60 / 61 page
background image
58
Am29LV033MU
September 12, 2006
DA TA
SH EET
Erase and Program Operations and Alternate CE#
Controlled Erase and Program Operations
Modified values of tWHWH1
Added Note #5
Erase and Programming Performance
Added values to tables that were previously TBD
Added Note #3 and #4
Revision B (May 16, 2003)
Distinctive Characteristics
Added typical active read current
Global
Converted to Preliminary version.
Modified SecSi Sector Flash Memory Region section
to include ESN references.
CMOS Compatible
Corrected Typ and Max values for the I
CC 1, 2, and 3.
Erase and Program Operations and Alternate CE#
Controlled Erase and Program Operations
Changed Accelerated Effective Write Buffer Program
Operation value.
Erase and Programming Performance
Input values into table that were previously TBD.
Modified notes.
Removed Word references.
Revision B+1 (February 17, 2004)
Writing Commands/Command Sequences
Removed reference to word.
Word/Byte Program Command Sequences
Removed reference to word.
Added single byte programming note.
Erase Suspend/Erase Resume Commands
Added erase operation note.
Table 10: Command Definitions
Replaced the Addr information for both Program/Erase
Suspend and Program/Erase Resume from BA to
XXX.
AC Characteristics - Erase and Program
Operations
Added tPOLL information.
AC Characteristics Figures - Program Operation
Timings, Data# Polling Timings (During Embedded
Algorithms, and Alternate CE# Controlled Write
(Erase/Program) Operation Timings
Updated with t
POLL information.
Trademarks
Updated.
Revision B+2 (May 20, 2004)
Global
Converted to full Datasheet version.
Cover sheet and Title page
Added notation referencing superseding documenta-
tion.
Revision B+3 (December 13, 2005)
Global
This product has been retired and is not available for
designs. For new and current designs, S29GL032A
supersedes Am29LV033M and is the factory-recom-
mende d mig r ation pa th. P l ease refe r to th e
S29GL032A datasheet for specifications and ordering
information. Availability of this document is retained for
reference and historical purposes only.
Revision B4 (September 12, 2006)
Erase and Program Operations table
Changed tBUSY to a maximum specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61