| データシートサーチシステム |
|
L033MU01RI データシート(PDF) 19 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
L033MU01RI データシート(HTML) 19 Page - SPANSION |
|
19 / 61 page ![]() September 12, 2006 Am29LV033MU 17 DA TA SH EET Temporary Sector Group Unprotect (Note: In this device, a sector group consists of four adjacent sectors that are protected or unprotected at the same time (see Table 4). This feature allows temporary unprotection of previ- ously protected sector groups to change data in-sys- tem. The Sector Group Unprotect mode is activated by setting the RESET# pin to V ID. During this mode, for- merly protected sector groups can be programmed or erased by selecting the sector group addresses. Once V ID is removed from the RESET# pin, all the previously protected sector groups are protected again. Figure 1 shows the algorithm, and Figure 23 shows the timing diagrams, for this feature. Figure 1. Temporary Sector Group Unprotect Operation START Perform Erase or Program Operations RESET# = V IH Temporary Sector Group Unprotect Completed (Note 2) RESET# = V ID (Note 1) Notes: 1. All protected sector groups unprotected. 2. All previously protected sector groups are protected once again. |