データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29BDS128HE8VFI データシート(PDF) 85 Page - Advanced Micro Devices

部品番号 AM29BDS128HE8VFI
部品情報  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS128HE8VFI データシート(HTML) 85 Page - Advanced Micro Devices

Back Button AM29BDS128HE8VFI Datasheet HTML 81Page - Advanced Micro Devices AM29BDS128HE8VFI Datasheet HTML 82Page - Advanced Micro Devices AM29BDS128HE8VFI Datasheet HTML 83Page - Advanced Micro Devices AM29BDS128HE8VFI Datasheet HTML 84Page - Advanced Micro Devices AM29BDS128HE8VFI Datasheet HTML 85Page - Advanced Micro Devices AM29BDS128HE8VFI Datasheet HTML 86Page - Advanced Micro Devices AM29BDS128HE8VFI Datasheet HTML 87Page - Advanced Micro Devices AM29BDS128HE8VFI Datasheet HTML 88Page - Advanced Micro Devices AM29BDS128HE8VFI Datasheet HTML 89Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 85 / 89 page
background image
May 10, 2006 27024B3
Am29BDS128H/Am29BDS640H
83
D A TA
SH EE T
AC CHARACTERISTICS
Note: Breakpoints in waveforms indicate that system may alternately read array data from the “non-busy bank” while checking
the status of the program or erase operation in the “busy” bank. The system should read status twice to ensure valid information.
Figure 49.
Back-to-Back Read/Write Cycle Timings
OE#
CE#
WE#
tOEH
Data
Addresses
AVD#
PD/30h
AAh
RA
PA/SA
tWC
tDS
tDH
tRC
tRC
tOE
tAS
tAH
tACC
tOEH
tWP
tGHWL
tOEZ
tWC
tSR/W
Last Cycle in
Program or
Sector Erase
Command Sequence
Read status (at least two cycles) in same bank
and/or array data from other bank
Begin another
write or program
command sequence
RD
RA
555h
RD
tWPH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89