データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29BDS128HE8VFI データシート(PDF) 10 Page - Advanced Micro Devices

部品番号 AM29BDS128HE8VFI
部品情報  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS128HE8VFI データシート(HTML) 10 Page - Advanced Micro Devices

Back Button AM29BDS128HE8VFI Datasheet HTML 6Page - Advanced Micro Devices AM29BDS128HE8VFI Datasheet HTML 7Page - Advanced Micro Devices AM29BDS128HE8VFI Datasheet HTML 8Page - Advanced Micro Devices AM29BDS128HE8VFI Datasheet HTML 9Page - Advanced Micro Devices AM29BDS128HE8VFI Datasheet HTML 10Page - Advanced Micro Devices AM29BDS128HE8VFI Datasheet HTML 11Page - Advanced Micro Devices AM29BDS128HE8VFI Datasheet HTML 12Page - Advanced Micro Devices AM29BDS128HE8VFI Datasheet HTML 13Page - Advanced Micro Devices AM29BDS128HE8VFI Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 89 page
background image
8
Am29BDS128H/Am29BDS640H
27024B3 May 10, 2006
D A TA
SH EE T
Special Handling Instructions for FBGA
Package
Special handling is required for Flash Memory products
in FBGA packages.
Flash memory devices in FBGA packages may be
damaged if exposed to ultrasonic cleaning methods.
The package and/or data integrity may be compro-
mised if the package body is exposed to temperatures
above 150°C for prolonged periods of time.
A2
B2
C2
D2
E2
F2
G2
H2
A3
B3
C3
D3
E3
F3
G3
H3
A4
B4
C4
D4
E4
F4
G4
H4
A5
B5
C5
D5
E5
F5
G5
H5
A6
B6
C6
D6
E6
F6
G6
H6
A7
B7
C7
D7
E7
F7
G7
H7
DQ15
VSS
NC
A16
A15
A14
A12
A13
A8
B8
C8
D8
E8
F8
G8
H8
NC
NC
NC
VSS
VIO
NC
NC
NC
DQ13
DQ6
DQ14
DQ7
A11
A10
A8
A9
VCC
DQ4
DQ12
DQ5
A19
A21
RESET#
WE#
DQ11
DQ3
DQ10
DQ2
A20
A18
ACC
RDY
DQ9
DQ1
DQ8
DQ0
A5
A6
A17
A7
OE#
VSS
CE#
A0
A1
A2
A4
A3
A1
B1
C1
D1
E1
F1
G1
H1
VSS
NC
VIO
AVD#
WP#
CLK
VCC
NC
64-ball Fine-Pitch Ball Grid Array
Top View, Balls Facing Down
(Am29BDS640H only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89