データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB2227-AHZS-XX データシート(PDF) 1 Page - SMSC Corporation

部品番号 USB2227-AHZS-XX
部品情報  4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SMSC [SMSC Corporation]
ホームページ  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2227-AHZS-XX データシート(HTML) 1 Page - SMSC Corporation

  USB2227-AHZS-XX Datasheet HTML 1Page - SMSC Corporation USB2227-AHZS-XX Datasheet HTML 2Page - SMSC Corporation USB2227-AHZS-XX Datasheet HTML 3Page - SMSC Corporation USB2227-AHZS-XX Datasheet HTML 4Page - SMSC Corporation USB2227-AHZS-XX Datasheet HTML 5Page - SMSC Corporation USB2227-AHZS-XX Datasheet HTML 6Page - SMSC Corporation USB2227-AHZS-XX Datasheet HTML 7Page - SMSC Corporation USB2227-AHZS-XX Datasheet HTML 8Page - SMSC Corporation USB2227-AHZS-XX Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
SMSC USB2227/USB2228
DATASHEET
Revision 1.91 (10-13-06)
Datasheet
PRODUCT FEATURES
USB2227/USB2228
4th Generation USB2.0
Flash Media Controller
with Integrated Card
Power FETs
Complete System Solution for interfacing SmartMediaTM
(SM) or xD Picture CardTM (xD)1, Memory StickTM (MS),
High Speed Memory Stick (HSMS), Memory Stick PRO
(MSPRO), MS DuoTM, Secure Digital (SD), Mini-Secure
Digital (Mini-SD), TransFlash (SD), MultiMediaCardTM
(MMC), Reduced Size MultiMediaCard (RS-MMC), NAND
Flash, Compact FlashTM (CF) and CF UltraTM I & II, and CF
form-factor ATA hard drives to USB2.0 bus
— Supports USB Bulk Only Mass Storage Compliant
Bootable BIOS
Support for simultaneous operation of all above devices.
(only one at a time of each of the following groups
supported: CF or ATA drive, SM or XD or NAND, SD or
MMC)
On-Chip 4-Bit High Speed Memory Stick and MS PRO
Hardware Circuitry
On-Chip firmware reads and writes High Speed Memory
Stick and MS PRO
1-bit ECC correction performed in hardware for maximum
efficiency
Hardware support for SD Security Command Extensions
On-chip power FETs for supplying flash media card power
with minimum board components
USB Bus Power Certified
3.3 Volt I/O with 5V input tolerance on VBUS/GPIO3
Complete USB Specification 2.0 Compatibility for Bus
Powered Operation
— Includes USB2.0 Transceiver
— A Bi-directional Control and a Bi-directional Bulk
Endpoint are provided.
8051 8 bit microprocessor
— Provides low speed control functions
— 30 Mhz execution speed at 4 cycles per instruction
average
— 12K Bytes of internal SRAM for general purpose
scratchpad
— 768 Bytes of internal SRAM for general purpose
scratchpad or program execution while re-flashing
external ROM
Double Buffered Bulk Endpoint
— Bi-directional 512 Byte Buffer for Bulk Endpoint
— 64 Byte RX Control Endpoint Buffer
— 64 Byte TX Control Endpoint Buffer
Internal or External Program Memory Interface
— 64K Byte Internal Code Space or Optional 64K Byte
External Code Space using Flash, SRAM or EPROM
memory.
On Board 24Mhz Crystal Driver Circuit
Can be clocked by 48MHz external source
On-Chip 1.8V Regulator for Low Power Core Operation
Internal PLL for 480Mhz USB2.0 Sampling, Configurable
MCU clock
Supports firmware upgrade via USB bus if “boot block”
Flash program memory is used
15 GPIOs for special function use: LED indicators, button
inputs, power control to memory devices, etc.
— Inputs capable of generating interrupts with either edge
sensitivity
— Attribute bit controlled features:
— Activity LED polarity/operation/blink rate
— Full or Partial Card compliance checking
— Bus or Self Powered
— LUN configuration and assignment
— Write Protect Polarity
— SmartDetach™ Detach from USB when no Card
Inserted for Notebook apps
— Cover Switch operation for xD compliance
— Inquiry Command operation
— SD Write Protect operation
— Older CF card support
— Force USB 1.1 reporting
— Internal or External Power FET operation
Compatible with Microsoft WinXP, WinME, Win2K SP3,
Apple OS10, Softconnex, and Linux Multi-LUN Mass
Storage Class Drivers
Win2K, Win98/98SE and Apple OS8.6 and OS9 Multi-LUN
Mass Storage Class Drivers available from SMSC
128 Pin VTQFP Lead-free RoHS Compliant Package
(1.0mm height, 14mm x14mm footprint)
124 Pin DQFN Lead-free RoHS Compliant Package (0.8mm
height, 10mm x10mm footprint)
1.xD Picture Card not applicable to USB2227


同様の部品番号 - USB2227-AHZS-XX

メーカー部品番号データシート部品情報
logo
SMSC Corporation
USB2227-NE-XX SMSC-USB2227-NE-XX Datasheet
919Kb / 26P
4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS
logo
Microchip Technology
USB2227-NU-11 MICROCHIP-USB2227-NU-11 Datasheet
374Kb / 25P
4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
06/23/16
logo
SMSC Corporation
USB2227-NU-XX SMSC-USB2227-NU-XX Datasheet
919Kb / 26P
4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS
More results

同様の説明 - USB2227-AHZS-XX

メーカー部品番号データシート部品情報
logo
SMSC Corporation
USB2227 SMSC-USB2227 Datasheet
919Kb / 26P
4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS
USB2601 SMSC-USB2601 Datasheet
710Kb / 26P
4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS AND HS HUB
USB2229 SMSC-USB2229 Datasheet
1,008Kb / 27P
5TH GENERATION HI-SPEED USB FLASH MEDIA & IrDA CONTROLLER WITH INTEGRATED CARD POWER FETs
USB2231 SMSC-USB2231 Datasheet
937Kb / 26P
5th GENERATION HI-SPEED USB FLASH MEDIA AND CIR CONTROLLER WITH INTEGRATED CARD POWER FETs
USB2229 SMSC-USB2229_06 Datasheet
687Kb / 27P
5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs
USB2601 SMSC-USB2601_06 Datasheet
430Kb / 26P
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs and HS Hub
USB2226 SMSC-USB2226 Datasheet
334Kb / 23P
4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
logo
Microchip Technology
USB2601 MICROCHIP-USB2601 Datasheet
272Kb / 30P
4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs & HS Hub
07/14/15
USB2229 MICROCHIP-USB2229 Datasheet
374Kb / 28P
5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs
06/23/16
USB2227 MICROCHIP-USB2227 Datasheet
374Kb / 25P
4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27