| データシートサーチシステム |
|
MBM29F080A データシート(PDF) 37 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MBM29F080A データシート(HTML) 37 Page - SPANSION |
|
37 / 44 page ![]() MBM29F080A-55/-70/-90 36 (4) Toggle Bit I Algorithm Fail DQ6 = Toggle ? Yes No DQ6 = Toggle DQ5 = 1 Pass Yes No Yes Start Read ? (DQ7 to DQ0) Addr. = “H” or “L” No Read (DQ7 to DQ0) Addr. = “H” or “L” ? Read (DQ7 to DQ0) Addr. = “H” or “L” Read (DQ7 to DQ0) Addr. = “H” or “L” *1 *1, *2 *1 : Read toggle bit twice to determine whether it is toggling. *2 : DQ6 is rechecked even if DQ5 = “1” because DQ6 may stop toggling at the same time as DQ5 changing to “1”. *1, *2 |