| データシートサーチシステム |
|
MBM29F080A データシート(PDF) 42 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MBM29F080A データシート(HTML) 42 Page - SPANSION |
|
42 / 44 page ![]() MBM29F080A-55/-70/-90 41 (Continued) 48-pin plastic TSOP (1) (FPT-48P-M19) Note 1) * : Values do not include resin protrusion. Resin protrusion and gate protrusion are +0.15 (.006) Max (each side) . Note 2) Pins width and pins thickness include plating thickness. Note 3) Pins width do not include tie bar cutting remainder. Dimensions in mm (inches) Note : The values in parentheses are reference values. 48-pin plastic TSOP (1) (FPT-48P-M20) Note 1) * : Values do not include resin protrusion. Resin protrusion and gate protrusion are +0.15 (.006) Max (each side) . Note 2) Pins width and pins thickness include plating thickness. Note 3) Pins width do not include tie bar cutting remainder. Dimensions in mm (inches) Note : The values in parentheses are reference values. – .003 +.001 – 0.08 +0.03 .007 0.17 "A" (Stand off height) 0.10(.004) (Mounting height) (.472 ±.008) 12.00 ±0.20 LEAD No. 48 25 24 1 (.004 ±.002) 0.10(.004) M 1.10 +0.10 – 0.05 +.004 – .002 .043 0.10 ±0.05 (.009 ±.002) 0.22 ±0.05 (.787 ±.008) 20.00 ±0.20 (.724 ±.008) 18.40 ±0.20 INDEX 2003 FUJITSU LIMITED F48029S-c-6-7 C 0~8 ˚ 0.25(.010) 0.50(.020) 0.60 ±0.15 (.024 ±.006) Details of "A" part * * –.003 +.001 .007 –0.08 +0.03 0.17 "A" (Stand off height) (.004 ±.002) 0.10 ±0.05 0.10(.004) (Mounting height) 12.00 ±0.20(.472±.008) LEAD No. 48 25 24 1 0.10(.004) M 1.10 +0.10 –0.05 +.004 –.002 .043 (.009 ±.002) 0.22 ±0.05 (.787 ±.008) 20.00 ±0.20 (.724 ±.008) 18.40 ±0.20 INDEX 2003 FUJITSU LIMITED F48030S-c-6-7 C 0~8˚ 0.25(.010) 0.60±0.15 (.024±.006) Details of "A" part * * 0.50(.020) |