| データシートサーチシステム |
|
AM29SL400CT100REF データシート(PDF) 41 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29SL400CT100REF データシート(HTML) 41 Page - Advanced Micro Devices |
|
41 / 44 page ![]() January 23, 2007 Am29SL400C_00_A6 Am29SL400C 39 D A TA SH EE T LATCHUP CHARACTERISTICS Includes all pins except VCC. Test conditions: VCC = 1.8 V, one pin at a time. TSOP PIN AND BGA PACKAGE CAPACITANCE Notes: 1. Sampled, not 100% tested. 2. Test conditions TA = 25°C, f = 1.0 MHz. DATA RETENTION Description Min Max Input voltage with respect to VSS on all pins except I/O pins (including A9, OE#, and RESET#) –1.0 V 11.0 V Input voltage with respect to VSS on all I/O pins –0.5 V VCC + 0.5 V VCC Current –100 mA +100 mA Parameter Symbol Parameter Description Test Setup Typ Max Unit CIN Input Capacitance VIN = 0 TSOP 6 7.5 pF Fine-pitch BGA 4.2 5.0 pF COUT Output Capacitance VOUT = 0 TSOP 8.5 12 pF Fine-pitch BGA 5.4 6.5 pF CIN2 Control Pin Capacitance VIN = 0 TSOP 7.5 9 pF Fine-pitch BGA 3.9 4.7 pF Parameter Test Conditions Min Unit Minimum Pattern Data Retention Time 150 °C 10 Years 125 °C 20 Years |