データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29SL400CB100REF データシート(PDF) 8 Page - Advanced Micro Devices

部品番号 AM29SL400CB100REF
部品情報  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL400CB100REF データシート(HTML) 8 Page - Advanced Micro Devices

Back Button AM29SL400CB100REF Datasheet HTML 4Page - Advanced Micro Devices AM29SL400CB100REF Datasheet HTML 5Page - Advanced Micro Devices AM29SL400CB100REF Datasheet HTML 6Page - Advanced Micro Devices AM29SL400CB100REF Datasheet HTML 7Page - Advanced Micro Devices AM29SL400CB100REF Datasheet HTML 8Page - Advanced Micro Devices AM29SL400CB100REF Datasheet HTML 9Page - Advanced Micro Devices AM29SL400CB100REF Datasheet HTML 10Page - Advanced Micro Devices AM29SL400CB100REF Datasheet HTML 11Page - Advanced Micro Devices AM29SL400CB100REF Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
6
Am29SL400C
Am29SL400C_00_A6 January 23, 2007
D A TA
SH EE T
CONNECTION DIAGRAM
Special Handling Instructions for FBGA
Packages
Special handling is required for Flash Memory products in
molded packages (TSOP, BGA, PLCC, PDIP, SSOP). The
package and/or data integrity may be compromised if the
package body is exposed to temperatures about 150
°C for
prolonged periods of time.
A1
B1
C1
D1
E1
F1
G1
H1
A2
B2
C2
D2
E2
F2
G2
H2
A3
B3
C3
D3
E3
F3
G3
H3
A4
B4
C4
D4
E4
F4
G4
H4
A5
B5
C5
D5
E5
F5
G5
H5
A6
B6
C6
D6
E6
F6
G6
H6
DQ15/A-1
VSS
BYTE#
A16
A15
A14
A12
A13
DQ13
DQ6
DQ14
DQ7
A11
A10
A8
A9
VCC
DQ4
DQ12
DQ5
NC
NC
RESET#
WE#
DQ11
DQ3
DQ10
DQ2
NC
NC
NC
RY/BY#
DQ9
DQ1
DQ8
DQ0
A5
A6
A17
A7
OE#
VSS
CE#
A0
A1
A2
A4
A3
48-Ball FBGA
(Top View, Balls Facing Down)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44