| データシートサーチシステム |
|
P83C524IFA データシート(PDF) 34 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P83C524IFA データシート(HTML) 34 Page - NXP Semiconductors |
|
34 / 76 page ![]() 1997 Dec 15 34 Philips Semiconductors Product specification 8-bit microcontrollers P83C524; P80C528; P83C528 13.1 I2C Interrupt Register (S1INT) Table 15 I2C Interrupt register (address DAH) (1) Note 1. SI bit: writing a logic 0 clears this bit, writing a logic 1 has no effect. Table 16 Description of the S1INT bits 13.2 Single-bit Data Register with I2C Auto-clock (S1BIT) Table 17 Single-bit Data register with I2C Auto-clock (address D9H)(1) Note 1. Access of the S1BIT SFR clears SI, CLH, RBF and WBF. It starts the auto-clock if SCO = 0. Table 18 Description of the S1BIT bits 76543210 SI XXXXXXX BIT SYMBOL FUNCTION 7SI Serial Interrupt request (SI) flag: if a START condition occurs the SI flag in the S1INT SFR is set on the falling edge of the filtered serial clock. If SI = 1 is detected during a transfer this can be a 'spurious START' error condition. If no transfer is taking place the SI = 1 is a START from an external master. Provided the bits EA and ES1 in IE SFR are set, SI then generates an interrupt so that a slave address receive routine can be started. SI can be cleared by accessing the S1BIT register or by writing '00' to S1INT. Also after reception of a START condition, the LOW period of the clock pulse is stretched, suspending the serial transfer to allow the software to take action. This clock stretching is ended by a read or write access to S1BIT. 6 to 0 − X = undefined during read, don't care during write. 76543210 READ SDI 0000000 WRITE SDO XXXXXXX BIT SYMBOL FUNCTION 7 SDO/SDI Serial Data Output (SDO) and the filtered Serial Data Input (SDI). SDI data is latched on the rising edge of the filtered serial clock. S1BIT.7 accesses the same memory locations as S1SCS.7. S1BIT SFR is not bit-addressable. 6 to 0 − X = don't care. |