データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST6G3237 データシート(PDF) 13 Page - STMicroelectronics

部品番号 ST6G3237
部品情報  Dual supply level translator for SD/ MINISD / T-FLASH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3237 データシート(HTML) 13 Page - STMicroelectronics

Back Button ST6G3237 Datasheet HTML 9Page - STMicroelectronics ST6G3237 Datasheet HTML 10Page - STMicroelectronics ST6G3237 Datasheet HTML 11Page - STMicroelectronics ST6G3237 Datasheet HTML 12Page - STMicroelectronics ST6G3237 Datasheet HTML 13Page - STMicroelectronics ST6G3237 Datasheet HTML 14Page - STMicroelectronics ST6G3237 Datasheet HTML 15Page - STMicroelectronics ST6G3237 Datasheet HTML 16Page - STMicroelectronics ST6G3237 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ST6G3237
Package mechanical data
13/17
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17