データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST6G3237 データシート(PDF) 14 Page - STMicroelectronics

部品番号 ST6G3237
部品情報  Dual supply level translator for SD/ MINISD / T-FLASH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3237 データシート(HTML) 14 Page - STMicroelectronics

Back Button ST6G3237 Datasheet HTML 9Page - STMicroelectronics ST6G3237 Datasheet HTML 10Page - STMicroelectronics ST6G3237 Datasheet HTML 11Page - STMicroelectronics ST6G3237 Datasheet HTML 12Page - STMicroelectronics ST6G3237 Datasheet HTML 13Page - STMicroelectronics ST6G3237 Datasheet HTML 14Page - STMicroelectronics ST6G3237 Datasheet HTML 15Page - STMicroelectronics ST6G3237 Datasheet HTML 16Page - STMicroelectronics ST6G3237 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Package mechanical data
ST6G3237
14/17
Table 12.
µTFBGA25 Mechanical data
Dim.
mm.
mils
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.0
1.1
1.16
39.4
43.3
45.7
A1
0.25
9.8
A2
0.78
0.86
30.7
33.9
b
0.25
3.0
3.1
114.2
118.1
122.0
D
2.9
3.0
3.1
114.2
118.1
122.0
D1
2
78.8
E
2.9
3.0
3.1
114.2
118.1
122.0
E1
2
78.8
e
0.5
19.7
SE
0.25
9.8
Figure 5.
Package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17