| データシートサーチシステム |
|
CYPAS211 データシート(PDF) 24 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CYPAS211 データシート(HTML) 24 Page - Infineon Technologies AG |
|
24 / 31 page ![]() Datasheet 24 002-37216 Rev. *B 2023-10-10 EZ-PD™ PAG2S-QZ integrated USB PD and secondary-side QR-ZVS controller Ordering information 5 Ordering information 5.1 Ordering code definitions Table 6 PAG2S-QZ ordering information MPN Application Package type Si ID Si Rev CYPAS211A1-32LQXQ USB PD adapter – Secondary-side flyback control with ZVS 32-pin QFN 3B10 A1 CYPAS211A1-32LQXQT Number of pins in the package Application and feature combination designation Marketing code: PA = Power adapter Company ID: CY = CYPRESS (an Infineon company) Package type: LQ = QFN; S = SOIC X = Pb-free Temperature range: Q = Extended industrial (-40ºC to +105ºC) CY PA X XX XX XX X X - X T = Tape and reel XX Si Rev XX ES (optional field) = Pre-production engineering samples only. Non orderable. S Product type: S = Secondary-side controller Product type: 2 = Second-generation product family |