| データシートサーチシステム |
|
CYPAS211 データシート(PDF) 28 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CYPAS211 データシート(HTML) 28 Page - Infineon Technologies AG |
|
28 / 31 page ![]() Datasheet 28 002-37216 Rev. *B 2023-10-10 EZ-PD™ PAG2S-QZ integrated USB PD and secondary-side QR-ZVS controller Acronyms PHY physical layer POR power-on reset PPS programmable power supply PSM pulse-skipping mode PWM pulse-width modulator QR quasi-resonant RAM random-access memory RISC reduced-instruction-set computing RMS root-mean-square RX receive SAR successive approximation register SCL I2C serial clock SCP short-circuit protection SDA I2C serial data SPI Serial Peripheral Interface, a communications protocol SR synchronous rectifier SRAM static random access memory SWD Serial Wire Debug, a test protocol SWDCLK serial wire debug clock TCPWM timer/counter/PWM TX transmit Type-C a new standard with a slimmer USB connector and a reversible cable, capable of sourcing up to 100 W of power USB Universal Serial Bus USB PD USB Power Delivery WDT watchdog timer XRES external reset I/O pin ZCD zero crossing defect ZVS zero voltage switching Table 10 Acronyms used in this document (continued) Acronym Description |