データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCE-MPC30 データシート(PDF) 2 Page - PCE Instruments.

部品番号 PCE-MPC30
部品情報  Air Sampling Device PCE-MPC 30
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PCE [PCE Instruments.]
ホームページ  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-MPC30 データシート(HTML) 2 Page - PCE Instruments.

  PCE-MPC30 Datasheet HTML 1Page - PCE Instruments. PCE-MPC30 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measurable particle sizes
PM 2.5 and PM 10
Measuring range
0 ... 2000 µg / m³
Resolution
1 µg / m³
 
 
Particle counter
 
Measurable particle sizes
0.3, 2.5, 10 µm
Flow rate
2.83L / min (0.1 ft³)
Counting efficiency
50% at 0.3 µm;
 
100% with particle size> 0.45 µm
Coincidence error
<5% at 2,000,000 particles per ft³
Data storage
5000 data records (micro SD card)
Counting modes
cumulative, differential, concentration
 
 
HCHO
 
Measuring range
0.01 ... 5.00 ppm
Accuracy
± 5%
Resolution
0.01 ppm
 
 
Air temperature and relative humidity
Measuring range air temperature
0 ... 50 ° C, 32 ... 122 ° F
Measuring range dew point
0 ... 50 ° C, 32 ... 122 ° F
Relative humidity measuring range 0 ... 100% RH
Air temperature measurement
accuracy
10 ... 40 ° C: ± 1 ° C, ± 1.8 ° F
 
Others: ± 2 ° C, ± 3.6 ° F
Measuring accuracy dew point
temperature
10 ... 40 ° C: ± 1 ° C, ± 1.8 ° F
 
Others: ± 2 ° C, ± 3.6 ° F
Relative humidity accuracy
0 ... 20% rel. Humidity: ± 5%
 
20 ... 80% rel. Humidity: ± 3.5%
 
80 ... 100% rel. Fencing: ± 5%
 
 
More specifications
 
Operating conditions
0 ... +50 ° C, 10 ... 90% rel. humidity,
 
not condensing
Storage conditions
-10 ... +60 ° C, 10 ... 90% rel. humidity,
 
not condensing
Display
2.8 ", 320 x 240 pixels, backlit color LCD
Power supply mains adapter
Primary: 100 ... 240 V AC, 50/60 Hz, 0.6 A.
 
Secondary: 9 V DC, 1500 mA
Power supply battery
7.4 V, 1200 mAh, 8.88 Wh
Battery Life
approx. 4 hours in continuous operation
Battery recharge time
approx. 2 hours with AC adapter
Dimensions
240 x 75 x 57 mm
Weight
570 g
More information
More product info
Similar products



Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com