データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCE-MPC30 データシート(PDF) 1 Page - PCE Instruments.

部品番号 PCE-MPC30
部品情報  Air Sampling Device PCE-MPC 30
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PCE [PCE Instruments.]
ホームページ  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-MPC30 データシート(HTML) 1 Page - PCE Instruments.

  PCE-MPC30 Datasheet HTML 1Page - PCE Instruments. PCE-MPC30 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air Sampling Device PCE-MPC 30
Air Sampling Device with data logger / HCHO measurement / battery for mobile use / 
2.8 "TFT display / measurement of mass concentration / data storage on SD card
 
This Air Sampling Device has many functions. With the Air Sampling Device it is possible to determine the number of particles in the size of 0.3,
2.5 and 10 µm. In addition to measuring the particles, the Air Sampling Device can also measure the PM 2.5 and PM 10 mass concentration.
The mass concentration of the Air Sampling Device determines the weight of the particles on one cubic meter. 
 
In addition to particle measurement, the Air Sampling Device can also determine the formaldehyde content in ppm. During this HCHO
measurement, the temperature, the ambient humidity and the dew point are determined and displayed by the Air Sampling Device. As a
further important property, the Air Sampling Device can also store data. It is therefore possible with the Air Sampling Device to evaluate all
measured values after a measurement.
Particle counter, HCHO, temperature measurement
Measured value recording for later analyzes
Large 2.8 "LC display, 320 x 240 pixels
Mass concentration PM 2.5 and PM 10
Battery for mobile use
Dew point and wet bulb temperature


同様の部品番号 - PCE-MPC30

メーカー部品番号データシート部品情報
logo
PCE Instruments.
PCE-MPC10 PCE-PCE-MPC10 Datasheet
368Kb / 2P
Air Sampler PCE-MPC 10
PCE-MPC15 PCE-PCE-MPC15 Datasheet
705Kb / 3P
Air Sampler PCE-MPC 15
PCE-MPC20 PCE-PCE-MPC20 Datasheet
318Kb / 2P
Air Sampler PCE-MPC 20
PCE-MPC25 PCE-PCE-MPC25 Datasheet
699Kb / 3P
Air Sampler PCE-MPC 25
More results

同様の説明 - PCE-MPC30

メーカー部品番号データシート部品情報
logo
Fuji Electric
EDS3-1I FUJI-EDS3-1I Datasheet
606Kb / 20P
SAMPLING DEVICE SERIES FOR GAS ANALYZER
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
API Technologies Corp
MPC APITECH-MPC Datasheet
142Kb / 2P
61-MPC Series
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
logo
Lapp.
55502460 LAPP-55502460 Datasheet
121Kb / 2P
SILVYN® MPC-M
03.07.2018
55502470 LAPP-55502470 Datasheet
123Kb / 2P
SILVYN® MPC
03.07.2018
55502486 LAPP-55502486 Datasheet
113Kb / 2P
SILVYN® MPC 90°
03.07.2018
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com