| データシートサーチシステム |
|
AT83C5136-RDTUL データシート(PDF) 66 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT83C5136-RDTUL データシート(HTML) 66 Page - ATMEL Corporation |
|
66 / 171 page ![]() 66 AT83C5134/35/36 7683B–USB–03/07 Table 55. IPH0 Register IPH0 - Interrupt Priority High Register (B7h) Reset Value = x000 0000b Not bit addressable 7 6 5 4 3 2 1 0 - PPCH PT2H PSH PT1H PX1H PT0H PX0H Bit Number Bit Mnemonic Description 7 - Reserved The value read from this bit is indeterminate. Do not set this bit. 6 PPCH PCA interrupt Priority high bit. PPCHPPCLPriority Level 0 0Lowest 0 1 1 0 1 1Highest 5 PT2H Timer 2 overflow interrupt Priority High bit PT2HPT2LPriority Level 0 0Lowest 0 1 1 0 1 1Highest 4 PSH Serial port Priority High bit PSHPSLPriority Level 0 0Lowest 0 1 1 0 1 1Highest 3 PT1H Timer 1 overflow interrupt Priority High bit PT1HPT1LPriority Level 0 0Lowest 0 1 1 0 1 1Highest 2 PX1H External interrupt 1 Priority High bit PX1HPX1LPriority Level 0 0Lowest 0 1 1 0 1 1Highest 1 PT0H Timer 0 overflow interrupt Priority High bit PT0HPT0LPriority Level 0 0Lowest 0 1 1 0 1 1Highest 0 PX0H External interrupt 0 Priority High bit PX0HPX0LPriority Level 0 0Lowest 0 1 1 0 1 1Highest |